Part Number Hot Search : 
MS2501 MS2501 23VL070 STK4164 L4969 1N4737AM F2048 USB22
Product Description
Full Text Search
 

To Download AP4501GH-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n and p-channel enhancement electronics corp. mode power mosfet simple drive requirement n-ch bv dss 30v good thermal performance r ds(on) 18m fast switching performance i d 10.2a halogen-free product p-ch bv dss -30v r ds(on) 50m description i d -6.4a absolute maximum ratings symbol parameter rating units n-channel p-channel v ds drain-source voltage 30 -30 v v gs gate-source voltage + 20 + 20 v i d @t a =25 continuous drain current 3 10.2 -6.4 a i d @t a =70 continuous drain current 3 8.2 -5.1 a i dm pulsed drain current 1 30 -30 a p d @t a =25 total power dissipation 3.1 w t stg storage temperature range -55 to 150 t j operating junction temperature range -55 to 150 symbol value unit rthj-c maximum thermal resistance, junction-case 8 /w rthj-a maximum thermal resistance, junction-ambient 3 40 /w data and specifications subject to change without notice 201208152 parameter 1 thermal data AP4501GH-HF halogen-free product a dvanced power mosfets from apec provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. s1 to-252-4l g1 s2 g2 d1/d2 1 d2 d1 g1 g2 s1 s2
n-ch electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 30 - - v r ds(on) static drain-source on-resistance 2 v gs =10v, i d =7a - 14.4 18 m ? v gs =4.5v, i d =5a - 22 30 m ? v gs(th) gate threshold voltage v ds =v gs , i d =250ua 1 1.5 3 v g fs forward transconductance v ds =10v, i d =7a - 14 - s i dss drain-source leakage current v ds =24v, v gs =0v - - 10 ua i gss gate-source leakage v gs =+ 20v, v ds =0v - - + 30 ua q g total gate charge i d =7a - 7.2 11.5 nc q gs gate-source charge v ds =15v - 2.2 - nc q gd gate-drain ("miller") charge v gs =4.5v - 3.2 - nc t d(on) turn-on delay time v ds =15v - 7 - ns t r rise time i d =1a - 5 - ns t d(off) turn-off delay time r g =3.3 -18- ns t f fall time v gs =10v - 3 - ns c iss input capacitance v gs =0v - 770 1230 pf c oss output capacitance v ds =15v - 80 - pf c rss reverse transfer capacitance f=1.0mhz - 70 - pf r g gate resistance f=1.0mhz - 1.3 2.6 source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =2.6a, v gs =0v - - 1.2 v t rr reverse recovery time i s =7a, v gs =0v - 16 - ns q rr reverse recovery charge di/dt=100a/s - 10 - nc 2 AP4501GH-HF
AP4501GH-HF p-ch electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =-250ua -30 - - v r ds(on) static drain-source on-resistance 2 v gs =-10v, i d =-5a - 40.4 50 m v gs =-4.5v, i d =-3a - 58.5 80 m v gs(th) gate threshold voltage v ds =v gs , i d =-250ua -1 -1.5 -3 v g fs forward transconductance v ds =-10v, i d =-5a - 9 - s i dss drain-source leakage current v ds =-24v, v gs =0v - - -10 ua i gss gate-source leakage v gs =+ 20v, v ds =0v - - + 100 na q g total gate charge i d =-5a - 5.5 8.8 nc q gs gate-source charge v ds =-15v - 1.3 - nc q gd gate-drain ("miller") charge v gs =-4.5v - 2.7 - nc t d(on) turn-on delay time v ds =-15v - 6 - ns t r rise time i d =-1a - 8 - ns t d(off) turn-off delay time r g =3.3 -20- ns t f fall time v gs =-10v - 12 - ns c iss input capacitance v gs =0v - 470 750 pf c oss output capacitance v ds =-15v - 100 - pf c rss reverse transfer capacitance f=1.0mhz - 90 - pf r g gate resistance f=1.0mhz - 8 16 source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =-2.6a, v gs =0v - - -1.2 v t rr reverse recovery time i s =-5a, v gs =0v - 17 - ns q rr reverse recovery charge di/dt=-100a/s - 10 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse test 3.n-ch , p-ch are same , mounted on 1 in 2 copper pad of 2oz fr4 board t Q 10s. this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. 3
AP4501GH-HF n-channel fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fig 5. forward characteristic of fig 6. gate threshold voltage v.s. reverse diode junction temperature 4 0 10 20 30 40 012345 v ds , drain-to-source voltage (v) i d , drain current (a) t a =25 o c 10v 7.0v 6.0v 5.0v v g = 4.0v 0 2 4 6 8 0 0.2 0.4 0.6 0.8 1 1.2 v sd , source-to-drain voltage (v) i s (a) t j =25 o c t j =150 o c 0 10 20 30 0123456 v ds , drain-to-source voltage (v) i d , drain current (a) t a = 150 o c 10v 7.0v 6.0v 5.0v v g =4.0v 10 14 18 22 26 30 246810 v gs , gate-to-source voltage (v) r ds(on) (m ) i d =5a t a =25 o c 0.6 0.8 1.0 1.2 1.4 1.6 1.8 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d =7a v g =10v 0 0.4 0.8 1.2 1.6 2 -50 0 50 100 150 t j , junction temperature ( o c) normalized v gs(th) i d =250ua
AP4501GH-HF n-channel fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. transfer characteristics fig 12. maximum continuous drain current v.s. ambient temperature 5 0 2 4 6 8 10 0481216 q g , total gate charge (nc) v gs , gate to source voltage (v) i d =7a v ds =15v 0 200 400 600 800 1000 1 5 9 1317212529 v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t , pulse width (s) normalized thermal response (r thja ) p dm duty factor = t/t peak t j = p dm x r thja + t a rthja=75 /w t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse 0.01 0.1 1 10 100 0.01 0.1 1 10 100 v ds , drain-to-source voltage (v) i d (a) t a =25 o c single pulse 100us 1ms 10ms 100ms 1s dc 0 10 20 30 0123456 v gs , gate-to-source voltage (v) i d , drain current (a) t j =150 o c t j =25 o c v ds =5v 0 2 4 6 8 10 12 25 50 75 100 125 150 t a , ambient temperature ( o c ) i d , drain current (a) operation in this area limited by r ds(on)
AP4501GH-HF p-channel fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fig 5. forward characteristic of fig 6. gate threshold voltage v.s. reverse diode junction temperature 6 0 10 20 30 0123456 -v ds , drain-to-source voltage (v) -i d , drain current (a) t a =25 o c -10v -7.0v -6.0v -5.0v v g = -4.0v 30 40 50 60 70 246810 -v gs ,gate-to-source voltage (v) r ds(on) (m ) i d =-3a t a =25 o c 0 4 8 12 16 20 0123456 -v ds , drain-to-source voltage (v) -i d , drain current (a) t a = 150 o c -10v -7.0v -6.0v -5.0v v g = - 4.0v 0.6 0.8 1.0 1.2 1.4 1.6 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d =-5a v g =-10v 0 2 4 6 8 0 0.2 0.4 0.6 0.8 1 1.2 1.4 -v sd , source-to-drain voltage (v) -i s (a) t j =25 o c t j =150 o c 0.0 0.4 0.8 1.2 1.6 2.0 -50 0 50 100 150 t j , junction temperature ( o c) normalized -v gs(th) i d = -250ua
AP4501GH-HF p-channel fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. transfer characteristics fig 12. maximum continuous drain current v.s. ambient temperature 7 0 2 4 6 8 10 024681012 q g , total gate charge (nc) -v gs , gate to source voltage (v) i d = -5a v ds = -15v 0 200 400 600 800 1 5 9 1317212529 -v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thja + t a rthja=75 /w t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse 0.01 0.1 1 10 100 0.01 0.1 1 10 100 -v ds , drain-to-source voltage (v) -i d (a) t a =25 o c single pulse 100us 1ms 10ms 100ms 1s dc 0 4 8 12 16 20 0123456 -v gs , gate-to-source voltage (v) -i d , drain current (a) t j =150 o c t j =25 o c v ds = -5v 0 2 4 6 8 25 50 75 100 125 150 t a , ambient temperature ( o c ) -i d , drain current (a) operation in this area limited by r ds(on)


▲Up To Search▲   

 
Price & Availability of AP4501GH-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X